Part Number Hot Search : 
B099462 MMDT3904 B82792 UPB551C D2W101LF STB1045 4AVC16 C104R
Product Description
Full Text Search
 

To Download G0509S-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 G_S-1W & H_S-1W Series
1W, FIXED INPUT, 6000V ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
6KVDC Isolation SIP Package Temperature Range: -40C to +85C No Heat sink Required Low Isolation Capacitance Internal SMD Construction Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Input Part Number H0505S-1W H0509S-1W H0512S-1W H0515S-1W G0505S-1W G0509S-1W G0512S-1W G0515S-1W H1205S-1W H1209S-1W H1212S-1W H1215S-1W G1205S-1W G1209S-1W G1212S-1W G1215S-1W 12 10.8-13.2 5 4.5-5.5 Voltage (VDC) Nominal Range Voltage (VDC) 5 9 12 15 5 9 12 15 5 9 12 15 5 9 12 15 Output Current (mA) Max 200 111 84 67 100 56 42 33 200 111 84 67 100 +56 42 33 Min 20 12 9 7 10 6 5 4 20 12 9 7 10 6 5 4 70 72 73 74 70 72 73 75 70 71 72 74 70 71 72 75 Efficiency (%, Typ)
APPLICATIONS
The G_S-1W & H_S-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 6000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
Note: G/H_S-1W Series:UL-60950-1 Pending.
ISOLATION
Item Isolation voltage
SPECIFICATIONS
Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min 6000 1000 10 Typ Max Units VDC M pF
Isolation resistance Isolation capacitance
OUTPUT SPECIFICATIONS
Item Output power Test Conditions For Vin change of 1% 10% to 100% load (5V output) Load regulation 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output) Output voltage accuracy Temperature drift Ripple & Noise* MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Min 0.1
Typ
Max 1 1.2
Units W %
MODEL SELECTION G0505S-1W
Rated Power Package Style Output Voltage Input Voltage Product Series
Line regulation
12.8 8.3 6.8 6.3
15 15 15 15 0.03 %/C mVp-p KHz %
See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input (5V input) (12V input) 150 250 50 200
Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Dual output models unbalanced load: 5%.
MORNSUN reserves the copyright
Specifications subject to change without notice.
G_S-1W & H_S-1W
A/2-2008
Page 1 of 2
COMMON SPECIFICATIONS
Item Storage humidity range Operating temperature Storage temperature Lead temperature Temp. rise at full load Short circuit protection* Cooling Case material MTBF Weigh 3500 4.2 5V input voltage 12V input voltage 1.5mm from case for 10 seconds 15 -40 -55 Test conditions Min Typ Max 95 85 125 300 25 1 Continuous Free air convection Plastic(UL94-V0) K hours g second C Units %
Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
Dual Output
L L
Vin
Cin
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
L
Vin
Cin
+Vo
Cout
DC DC (Figure 1)
GND
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1) Cin Single Cout Dual Cout Vin (VDC) (uF) Vout (uF) Vout (uF) (VDC) (VDC) 5 4.7 5 10 4.7 5
*When input voltage (Nominal) is 5V,Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARACTERISTICS
Ambient Temperature ( C )
12 -
2.2 -
9 12 15
4.7 2.2 1
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) 12 56
9 12 15
2.2 2.2 1
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
Dual Output
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current
1
2
56
7
protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Single Output
D ual Output Vin
REG REG
+Vo 0V
1
2
5
7
DC DC
GND Single Output
REG
-Vo
FOOTPRINT DETAILS Pin 1 2 5 6 7 Singles Duals
Vin GND
REG
REG
+Vo
DC DC
0V
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm ( 0.010inch)
(Figure 2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power.
MORNSUN reserves the copyright
Specifications subject to change without notice.
G_S-1W & H_S-1W
A/2-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of G0509S-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X